Part Number Hot Search : 
K2376 00GA1 LTC4055 DIM200 IFR350 BA50DD0T SN74AUC AM85C30
Product Description
Full Text Search
 

To Download BY39609 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY396 ~ BY399
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER VOLTAGE 50 to 1000 Volts
FEATURES
* High current capability. * Plastic package has Underwriters Laboratory Flammability Classification 94V-O * Void-free molded plastic package * Exceeds environmental standards of MIL-S-19500/228 * Fast switching for high efficiency.
.375(9.5) .285(7.2) 1.0(25.4)MIN.
.052(1.3) .048(1.2)
CURRENT
3.0 Amperes
DO-201AD
Unit: inch(mm)
* In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
* Case: Molded plastic, DO-201AD * Polarity: Color Band denotes cathode end * Mounting Position: Any * Weight: 0.0395 ounce, 1.122 gram * Terminals: Axial leads, solderable to MIL-STD-750,Method 2026
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e ng t h a t TA = 5 0 O C P e a k F o r w a r d S ur g e C ur r e nt : 1 0 m s s i ng l e ha l f s i ne - w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um R e p e t i t i ve P e a k F o r w a r d S ur g e ( N o t e 1 ) M a xi m um F o r w a r d V o l t a g e a t 3 . 0 A M a xi m um D C R e ve r s e C ur r e nt a t T J = 2 5 OC R a t e d D C B l o c k i ng V o l t a g e T J = 1 0 0 OC M a x i m u m R e v e r s e R e c o v e r y Ti m e ( N o t e 2 ) Ty p i c a l J u n c t i o n c a p a c i t a n c e ( N o t e 3 ) Ty p i c a l T h e r m a l R e s i s t a n c e ( N o t e 4 ) O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L VRRM VRMS VD C IF ( A V ) IF S M IF R M VF IR trr CJ R J A TJ , TS T G
B Y3 9 6 100 70 100
1.0(25.4)MIN.
.210(5.3) .188(4.8)
B Y3 9 7 200 140 200 3 .0 100 10 1 .3 10 500 150 60 22
B Y3 9 8 400 280 400
B Y3 9 9 800 560 800
U N IT S V V V A A A V A ns pF
O
C/W
O
-5 5 to +1 5 0
C
NOTES: 1. Repetitive Peak Forward Surge Current at f<15KHz. 2. Reverse Recovery Test Conditions: I F=.5A, I R=1A, I rr =.25A. 3. Measured at 1 MHz and applied reverse voltage of 4.0 VDC. 4. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted.
STAD-MAR.03.2009 1
PAGE . 1
BY396 ~ BY399
RATING A ND CHA RA CTERISTIC CURVES
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
3.0
2.5
10
FORWARD CURRENT, AMPERES
2.0
1.5
1
1.0
0.5
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD .375" (9.5mm) LEAD LENGTH
0.1
0 0 50 100
O
T A =25 C
0.01 0.5
O
150
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
AMBIENT TEMPERATURE, C
FORWARD VOLTAGE,VOLTS
FIG.1 FORWARD CURRENT DERATING CURVE
FIG.2 TYPICAL FORWARD CHARACTERISTIC
100
PEAK FORWARD SURGE CURRENT, AMPERES
1000 500
CAPACITANCE,pF
10
100
50
T J =25 C
O
T= 25 OC J
10 1 5 10 50 100
1
1
10
100
REVERSE VOLTAGE, VOLTS
NO. OF CYCLES AT 60Hz
FIG.3 TYPICAL JUNCTION CAPACITANCE
FIG.4 PEAK FORWARD SURGE CURRENT
A INSTANTANEOUS REVERSE CURRENT , m m
1000
100
TJ = 150 C
O
10
TJ = 100 OC
1.0
TJ = 25 C
O
0.1
20
40
60
80
100
120
140
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
Fig.5-TYPICAL REVERSE CHARACTERISTIC
STAD-MAR.03.2009 1
PAGE . 2


▲Up To Search▲   

 
Price & Availability of BY39609

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X